PART |
Description |
Maker |
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
P89LPC933_934_935 P89LPC933 P89LPC935 P89LPC934 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters The P89LPC933/934/935 is a single-chip microcontroller designed for
|
Philips Semiconductors
|
P89V52X2FBD157 |
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM; Package: SOT389-1 (LQFP44); Container: Tray Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC932BA P89LPC932FDH P89LPC932BDH P89LPC932FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM 80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
P87CL54X2BBD P87CL54X2BDH |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC938FDH P89LPC938FHN P89LPC938FA |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
NXP Semiconductors
|
P89LPC9171 P89LPC9171FDH P89LPC9151 P89LPC9151FDH |
8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors
|
P89LPC935FHN P89LPC933HDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|